Part Number Hot Search : 
BL317 SC190 22200 22200 BZX84C24 DZ6V8WAU 1345FBPC CY7C133
Product Description
Full Text Search
 

To Download 0010081112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 11/16/2009 please check www.molex.com for latest part information part number: 0010081112 status: active overview: description: 5.08mm (.200") pitch kk? header, vertical, round pin, 11 circuits, tin (sn) plating, pin length 23.80mm (.937") documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) general product family pcb headers series 3003 application board-to-board application wire-to-board overview kk® product name kk? physical breakaway no circuits (loaded) 11 circuits (maximum) 11 color - resin natural durability (mating cycles max) 25 first mate / last break no flammability 94v-2 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal brass material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 orientation vertical pc tail length (in) 0.155 in pc tail length (mm) 3.94 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in packaging type bag pitch - mating interface (in) 0.200 in pitch - mating interface (mm) 5.08 mm pitch - term. interface (in) 0.200 in pitch - term. interface (mm) 5.08 mm plating min: mating (in) 200 plating min: mating (m) 5 plating min: termination (in) 200 plating min: termination (m) 5 polarized to mating part no polarized to pcb no shrouded no stackable no surface mount compatible (smc) no temperature range - operating 0c to +50c termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. search parts in this series 3003 series mates with kk? crimp housing 3001 , 5058. 3002 kk? pc board connector
electrical csa lr19980 current - maximum 7a ul e29179 voltage - maximum 250v solder process data lead-free process capability wave capable (th only) material info old part number 300311b this document was generated on 11/16/2009 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0010081112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X